Part Number Hot Search : 
HC157 2N222 WW12030 ANTX1N3 0709877 IDT72251 DTC143EK SC453
Product Description
Full Text Search
 

To Download MOC3061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOC3060, MOC3061, MOC3062, MOC3063 MOC3060X, MOC3061X, MOC3062X, MOC3063X
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
'X' SPECIFICATION APPROVALS
l
Dimensions in mm 2.54 7.0 6.0 1.2 7.62 6.62 7.62 4.0 3.0 0.5 3.0 0.5 3.35 0.26 13 Max 1 2 3 6 5 4
VDE 0884 in 3 available lead form : - STD - G form - SMD approved to CECC 00802
DESCRIPTION The MOC306_ Series are optically coupled isolators consisting of a Gallium Arsenide infrared emitting diode coupled with a monolithic silicon detector performing the functions of a zero crossing bilateral triac mounted in a standard 6 pin dual-in-line package. FEATURES l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High Isolation Voltage, 5.3kVRMS l Zero Voltage Crossing l 600V Peak Blocking Voltage l All electrical parameters 100% tested l Custom electrical selections available APPLICATIONS l CRTs l Power Triac Driver l Motors l Consumer appliances l Printers
OPTION SM
SURFACE MOUNT OPTION G
ABSOLUTE MAXIMUM RATINGS (25 C unless otherwise noted) Storage Temperature -550C - +1500C Operating Temperature -400C - +1000C Lead Soldering Temperature 2600C (1.6mm from case for 10 seconds) INPUT DIODE Forward Current 50mA Reverse Voltage 6V Power Dissipation 120mW (derate linearly 1.41mW/0C above 250C) OUTPUT PHOTO TRIAC Off-State Output Terminal Voltage 600V Forward Current (Peak) 1A Power Dissipation 150mW (derate linearly 1.76mW/0C above 250C) POWER DISSIPATION
7.62
0.6 0.1 10.46 9.86
1.25 0.75
0.26 10.16
Total Power Dissipation 250mW (derate linearly 2.94mW/0C above 250C)
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, TS25 1YD England Tel: (01429)863609 Fax : (01429) 863581 e-mail sales@isocom.co.uk http://www.isocom.com
20/9/02
ISOCOM INC 1024 S. Greenville Ave, Suite 240, Allen, TX 75002 USA Tel: (214) 495-0755 Fax: (214) 495-0901 e-mail info@isocom.com http://www.isocom.com
DB91051m-AAS/A7
ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Current (IR) Peak Off-state Current ( IDRM ) Peak Blocking Voltage ( VDRM ) On-state Voltage ( VTM ) Critical rate of rise of off-state Voltage ( dv/dt ) Coupled Input Current to Trigger ( IFT )(note 2 ) MOC3060 MOC3061 MOC3062 MOC3063 Holding Current , either direction ( IH ) Input to Output Isolation Voltage VISO Zero Crossing Charact-eristic Inhibit Voltage ( VIH ) 400 5300 600 3.0 MIN TYP MAX UNITS 1.2 0.05 1.4 10 500 V A nA V V TEST CONDITION IF = 20mA VR = 6V VDRM = 600V (note 1 ) IDRM = 500nA ITM = 100mA ( peak )
Output
600
1500
V/s
30 15 10 5
mA mA mA mA
A VRMS
VTM = 3V ( note 2 )
See note 3
20
V
Leakage in Inhibited State ( IS )
500
A
IF= Rated IFT MT1-MT2 Voltage above which device will not trigger IF= Rated IFT VDRM = 600V off-state
Note 1. Test voltage must be applied within dv/dt rating. Note 2. Guaranteed to trigger at an IF value less than or equal to max. IFT , recommended IF lies between Rated IFT and absolute max. IF . Note 3. Measured with input leads shorted together and output leads shorted together.
20/9/02
DB91051m-AAS/A7
CHARACTERISTIC CURVES
Fig.1 Forward Current vs. Ambient Temperature
60 50 40 30 20 10 0 -40 -20
Fig.2 On-state Current vs. Ambient Temperature
(mA)
ITM , on-state current (A)
0 20 40 60 80 100 120
o
0.10
Forward current I
F
0.05
0 -40 -20
0
20
40
60
80 100 120
o
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Fig.3 Minimum Trigger Current vs. Ambient Temperature
10
Fig.4 Forward Current vs. Forward Voltage
100 VP= 6V RL= 100
(mA)
(mA)
FT
8
Minimum trigger current I
Forward current I
6
80 C 100 C
o
o
10
60 C 40 C 20 C
o o
o
4
2
0 20 40 60 80
o
F
1 100 0.4 0.8 1.2 1.6 2.0 Ambient temperature ( C) Forward voltage VF (V)
Fig.5 On-state Voltage vs. Ambient Temperature
3.0 ITM= 100mA
TM (V)
Fig.6 Holding Current vs. Ambient Temperature
1 VP= 6V
On-state voltage V
Forward current I
20 40 60 80
o
2.2
H
(mA)
0.1 0.01 100 20 40 60 80
o
2.6
1.8
1.4
1.0 Ambient temperature Ta ( C)
100
Ambient Temperature Ta ( C)
20/09/02
DB91051m-AAS/A7
CHARACTERISTIC CURVES
Fig.7 Turn-on Time vs. Forward Current
10
Fig.8 Repetitive Peak Off-state Current vs. Temperature
1000
s)
8
Repetitive Peak Off-state Current Idrm (nA)
50
VP= 9V RL= 100
Turn-on time Ton (
100
6
4
10
2
0 10 20 30 40
1 20 40 60 80
O
100
Forward current I F (mA)
Ambient tem p e rature Ta ( C)
Fig.9 On-state Current vs. On-state Voltage
100
Static dv/dt Test Circuit
+ 400 Vdc
(mA)
RTEST R= 10k CTEST
80 PULSE INPUT
TM
On-state current I
60
40
MERCURY WETTED RELAY
D.U.T.
X100 SCOPE PROBE
20 APPLIED VOLTAGE WAVEFORM 0 0.5 1.0 1.5 2.0 2.5 3.0 0 VOLTS Vmax = 400V 252 V 0.63 Vmax 378
0
On-state voltage VTM (V)
RC
dv/dt=
RC
=
RC
20/09/02
DB91051m-AAS/A7


▲Up To Search▲   

 
Price & Availability of MOC3061

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X